Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 188Page - Renesas Technology Corp 7906 Datasheet HTML 189Page - Renesas Technology Corp 7906 Datasheet HTML 190Page - Renesas Technology Corp 7906 Datasheet HTML 191Page - Renesas Technology Corp 7906 Datasheet HTML 192Page - Renesas Technology Corp 7906 Datasheet HTML 193Page - Renesas Technology Corp 7906 Datasheet HTML 194Page - Renesas Technology Corp 7906 Datasheet HTML 195Page - Renesas Technology Corp 7906 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-11
9.2 Block description
9.2.4 Timers A0 to A4
Timers A0 and A3 are used as control registers; each generates a pulse output trigger. When using timers
A0 and A3, be sure to use them in the timer mode. (Refer to section “7.3 Timer mode.”)
When performing the pulse width modulation, be sure to use timers A1, A2, A4 in the pulse width modulation
mode. (Refer to section “7.6 Pulse width modulation (PWM) mode.”) Note that, from pin P20/TA4OUT, a
PWM pulse by timer A4 is output. When it is unnecessary to output a PWM pulse, be sure to clear bit 2
of the timer A4 mode register (address 5A16) to “0.” At this time, pin P20 can be used as a programmable
I/O port pin.
Figure 9.2.6 shows the structure of the timer A0 and A3 mode registers (in the pulse output port mode);
Figure 9.2.7 shows the structures of the timer A1, A2, A4 mode registers (in the pulse output port mode
with pulse width modulation used).
Fig. 9.2.6 Structure of timer A0 and A3 mode registers (in pulse output port mode)
Bit name
Bit
0
1
2
3
4
5
6
7
Timer A0 mode register (Address 5616)
Timer A3 mode register (Address 5916)
Functions
At reset
R/W
Fix these bits to “0000002” in the pulse output port mode.
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
0
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
See Table 7.2.3.
00
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com