Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 192Page - Renesas Technology Corp 7906 Datasheet HTML 193Page - Renesas Technology Corp 7906 Datasheet HTML 194Page - Renesas Technology Corp 7906 Datasheet HTML 195Page - Renesas Technology Corp 7906 Datasheet HTML 196Page - Renesas Technology Corp 7906 Datasheet HTML 197Page - Renesas Technology Corp 7906 Datasheet HTML 198Page - Renesas Technology Corp 7906 Datasheet HTML 199Page - Renesas Technology Corp 7906 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-15
9.3 Setting of pulse output port mode
Fig. 9.3.2 Initial setting example for registers relevant to pulse output port mode (in pulse mode 1) (2)
From preceding “Figure 9.3.1”
This processing can be omitted when the system is not
affected by the undefined output.
Continue to “Figure 9.3.3.”
Processing of avoiding undefined output before starting pulse output (Note)
b0
Timer A0 mode register (Address 5616)
b7
Selection of count source f2
0
0000
0
0
b7
A value of “000016” is set.
b0 b7
b0
(b15)
(b8)
0016
0016
b0
Timer A0 interrupt control register (Address 7516)
b7
0
Interrupt disabled
00
0
No interrupt request
b0
Count start register 0 (Address 4016)
b7
Timer A0 count start bit
1 : Start counting
When an underflow occurs in timer A0, the contents of three-phase output data register 0 are output from the filp-flop.
(Pulse output pins are floating until the pulse output becomes enabled.)
b0
Count start register 0 (Address 4016)
b7
Timer A0 count start bit
0 : Stop counting
b0
Three-phase output data register 0 (Address A816)
b7
RTP00
RTP01
RTP02
RTP03
RTP10
RTP11
X : It may be either “0” or “1.”
Initial output data is set.
b0
Three-phase output data register 1 (Address A916)
b7
Pulse width modulation enable bit 0
Pulse width modulation enable bit 1
Pulse width modulation enable bit 2
See Table 9.2.3.
Timer A0 register (Addresses 4716 and 4616)
Pulse output polarity select bit
0 : Positive
1 : Negative
✕ ✕✕✕
0
00
Pulse output trigger select bits
Underflow of Timer A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com