Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 191Page - Renesas Technology Corp 7906 Datasheet HTML 192Page - Renesas Technology Corp 7906 Datasheet HTML 193Page - Renesas Technology Corp 7906 Datasheet HTML 194Page - Renesas Technology Corp 7906 Datasheet HTML 195Page - Renesas Technology Corp 7906 Datasheet HTML 196Page - Renesas Technology Corp 7906 Datasheet HTML 197Page - Renesas Technology Corp 7906 Datasheet HTML 198Page - Renesas Technology Corp 7906 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-14
9.3 Setting of pulse output port mode
Fig. 9.3.1 Initial setting example for registers relevant to pulse output port mode (in pulse mode 1) (1)
9.3 Setting of pulse output port mode
Figures 9.3.1 to 9.3.5 show an initial setting example for registers relevant to the pulse output port mode,
where an underflow of timer A0 is used as a pulse output trigger (in pulse mode 1). Note that when using
interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 6. INTERRUPTS.”
Continue to “Figure 9.3.2.”
Selecting pulse output mode and Selecting each function
b0
Waveform output mode register (Address A616)
b7
0
Pulse mode 1
00
Pulse widh modulation timer select bits
See Table 9.2.2.
Waveform output control bit 0
Fix this bit to “0” in pulse mode 1.
Waveform output control bit 1
Pulse output disabled
✽ Pulse output pins are floating until the pulse output becomes enabled.
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com