Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 194Page - Renesas Technology Corp 7906 Datasheet HTML 195Page - Renesas Technology Corp 7906 Datasheet HTML 196Page - Renesas Technology Corp 7906 Datasheet HTML 197Page - Renesas Technology Corp 7906 Datasheet HTML 198Page - Renesas Technology Corp 7906 Datasheet HTML 199Page - Renesas Technology Corp 7906 Datasheet HTML 200Page - Renesas Technology Corp 7906 Datasheet HTML 201Page - Renesas Technology Corp 7906 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-17
9.3 Setting of pulse output port mode
Fig. 9.3.4 Initial setting example for registers relevant to pulse output port mode (in pulse mode 1) (4)
b7
b0
Count source select bits
See Table 7.2.3.
11
Timer Aj mode register (j = 1, 2, 4) (Addresses 5716, 5816, 5A16)
16/8-bit PWM mode select bit
0 : 16-bit pulse width modulator
1 : 8-bit pulse width modulator
Setting of PWM pulse period and “H” level width
b7
b0
A value in the range from “000016 to FFFE16” (n) is set.
(b15)
(b8)
b7
b0
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
However, if n = “000016,” the pulse width modulator
does not operate and pin TAjOUT pin outputs “L”
level. At this time, no timer Aj interrupt request
occurs.
s When 16-bit pulse width modulator
b7
b0
A value in the range from “0016” to “FF16” (m) is set.
(b15)
(b8)
b7
b0
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
s When 8-bit pulse width modulator
A value in the range from “0016” to “FE16” (n) is set.
2 – 1
fi
16
However, if n = “0016,” the pulse width modulator
does not operate and pin TAjOUT pin outputs “L”
level. At this time, no timer Aj interrupt request
occurs.
“H” level width =
fi : Frequency of count source
Period =
✽ When operating as 16-bit pulse width modulator
n
fi
(m + 1)(2 – 1)
fi
✽ When operating as 8-bit pulse width modulator
“H” level width =
fi : Frequency of count source
Period =
8
n (m + 1)
fi
From preceding “Figure 9.3.3”
Continue to “Figure 9.3.5.”
When pulse width modulation is not performed
When pulse width modulation is performed
j = 1, 2 : Fix this bit to “0.”
j = 4 : When not using pin TA4OUT (in other words, when using pin
P20 as a programmable I/O port pin), clear this bit to “0.”
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com