Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 196Page - Renesas Technology Corp 7906 Datasheet HTML 197Page - Renesas Technology Corp 7906 Datasheet HTML 198Page - Renesas Technology Corp 7906 Datasheet HTML 199Page - Renesas Technology Corp 7906 Datasheet HTML 200Page - Renesas Technology Corp 7906 Datasheet HTML 201Page - Renesas Technology Corp 7906 Datasheet HTML 202Page - Renesas Technology Corp 7906 Datasheet HTML 203Page - Renesas Technology Corp 7906 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-19
9.4 Pulse output port mode operation
9.4 Pulse output port mode operation
9.4.1 Pulse output trigger
(1) RTP00 to RTP03 in pulse mode 0, Pulse mode 1
The pulse output trigger can be selected from an internal trigger and an external trigger.
When the pulse output trigger select bits (bits 7, 6 at address A816) = “002,” an internal trigger is
selected; when these bits = “012,” “102,” or “112,” an external trigger is selected.
s Internal trigger
A trigger occurs at an underflow of timer A0. This trigger occurrence can be confirmed by using
the timer A0 interrupt request bit.
s External trigger
A trigger occurs at a valid edge input to pin RTPTRG0 (Note). This trigger occurrence can be confi-
rmed by using the INT3 interrupt request bit. Table 9.4.1 lists the setting of INT3 according to valid
edges.
Also, the allocation of pin RTPTRG0 can be changed by the pin INT3/RTPTRG0 select bit (bit 3 at
address AE16).
Be sure to clear the port direction register’s bit, corresponding to pin RTPTRG0, to “0” in order to
set the port pin to the input mode.
Note: This is set by the pulse output trigger select bits (bits 7, 6 at address A816).
(2) RTP10, RTP11 in pulse mode 0
The pulse output trigger is an internal trigger.
A trigger occurs at an underflow of timer A3. This trigger occurrences can be confirmed by using the
timer A3 interrupt request bit.
Note: Refer to section “6.10 External interrupts.”
Valid edge input to pin RTPTRG0
Setting of INT3 (Note)
Falling
Rising
Falling and Rising
Falling (edge sense)
Rising (edge sense)
Falling and Rising (edge sense): used alternately
Table 9.4.1 Setting of INT3 according to valid edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com