Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 199Page - Renesas Technology Corp 7906 Datasheet HTML 200Page - Renesas Technology Corp 7906 Datasheet HTML 201Page - Renesas Technology Corp 7906 Datasheet HTML 202Page - Renesas Technology Corp 7906 Datasheet HTML 203Page - Renesas Technology Corp 7906 Datasheet HTML 204Page - Renesas Technology Corp 7906 Datasheet HTML 205Page - Renesas Technology Corp 7906 Datasheet HTML 206Page - Renesas Technology Corp 7906 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-22
9.4 Pulse output port mode operation
Fig. 9.4.3 Example of pulse output port mode operation (3)
n
000016
Undefined
✽2
Undefined
✽2
Undefined
✽2
Undefined
✽2
✽3
✽3
✽3
Starts counting
Starts pulse outputting
✽1
✽3
FFFF16
n : Reloaded value
0011002
0110002
1100002
1000012
✽1
✽1
✽1
✽1
✽1
PWM signal
by timer A1
PWM signal
by timer A2
PWM signal
by timer A4
Undefined
✽2
Undefined
✽2
Contents of bits 5 to 0 of
three-phase output data register 0
RTP00 output
RTP01 output
RTP02 output
RTP03 output
Timer A0 interrupt
request bit
RTP10 output
RTP11 output
✽1 : Written by software
✽2 : When avoiding undefined output in these terms (in other words, when stabilizing
these output level), be sure to follow the procedure “Processing of avoiding undefined
output before starting pulse output” in Figure 9.3.2.
✽3 : Cleared to “0” by an interrupt request acceptance or cleared by software.
The above applies when the following conditions are satisfied:
•Pulse mode 1 selected
•Pulse width modulation applied (in a unit of 2 pins; timers A1, A2, and A4 are used.)
•Positive polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com