Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 200Page - Renesas Technology Corp 7906 Datasheet HTML 201Page - Renesas Technology Corp 7906 Datasheet HTML 202Page - Renesas Technology Corp 7906 Datasheet HTML 203Page - Renesas Technology Corp 7906 Datasheet HTML 204Page - Renesas Technology Corp 7906 Datasheet HTML 205Page - Renesas Technology Corp 7906 Datasheet HTML 206Page - Renesas Technology Corp 7906 Datasheet HTML 207Page - Renesas Technology Corp 7906 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-23
9.4 Pulse output port mode operation
9.4.3 Operation at external trigger
➀ Each time when a valid edge of a signal input to pin RTPTRG0 (Note) is input, the contents of the pulse
output data bits of three-phase output data register 0 are output from the corresponding pulse output
pins. When the pulse width modulation is selected, the pulse width modulation is applied to “H” level
output.
➁ The INT3 interrupt request bit is set to “1” when a valid edge (➀) is input. (Refer to section “9.4.1 Pulse
output trigger.”) The interrupt request bit retains “1” until the interrupt request is accepted or it is
cleared by software.
➂ Write the next output data into three-phase output data register 0 during an INT3 interrupt routine (or
after the confirmation of an INT3 interrupt request occurrence).
Note: This is set by the pulse output trigger select bits (bits 7, 6 at address A816).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com