Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 201Page - Renesas Technology Corp 7906 Datasheet HTML 202Page - Renesas Technology Corp 7906 Datasheet HTML 203Page - Renesas Technology Corp 7906 Datasheet HTML 204Page - Renesas Technology Corp 7906 Datasheet HTML 205Page - Renesas Technology Corp 7906 Datasheet HTML 206Page - Renesas Technology Corp 7906 Datasheet HTML 207Page - Renesas Technology Corp 7906 Datasheet HTML 208Page - Renesas Technology Corp 7906 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-24
[Precautions for pulse output port mode]
[Precautions for pulse output port mode]
1. When using the pulse output port mode, be sure to set the relevant registers after the pulse output port mode is
set by the waveform output select bits (bits 2 to 0 at address A616).
When not using the pulse output port mode and three-phase waveform mode, be sure to fix the waveform output
select bits (bits 2 to 0 at address A616) to “0002.”
2. When performing the pulse width modulation, be sure to use timers A1, A2, A4 in the pulse width modulation
mode. (Refer to section “7.6 Pulse width modulation (PWM) mode.”) Note that, from pin P20/TA4OUT, a PWM
pulse by timer A4 is output. When it is unnecessary to output a PWM pulse, be sure to clear bit 2 of the timer A4
mode register (address 5A16) to “0.” At this time, pin P20 can be used as a programmable I/O port pin.
3. Note that, when not making the pulse output inactive by input of a falling edge to pin P6OUTCUT, be sure to connect
pin P6OUTCUT to Vcc via a resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com