Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 203Page - Renesas Technology Corp 7906 Datasheet HTML 204Page - Renesas Technology Corp 7906 Datasheet HTML 205Page - Renesas Technology Corp 7906 Datasheet HTML 206Page - Renesas Technology Corp 7906 Datasheet HTML 207Page - Renesas Technology Corp 7906 Datasheet HTML 208Page - Renesas Technology Corp 7906 Datasheet HTML 209Page - Renesas Technology Corp 7906 Datasheet HTML 210Page - Renesas Technology Corp 7906 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-2
10.1 Overview
The three-phase waveform mode serves as follows: three-phase waveforms (3 positive waveforms and 3
negative waveforms) are output from the three-phase waveform output pins. The three-phase waveform
mode consists of “three-phase mode 0” and “three-phase mode 1.”
Table 10.1.1 lists the specifications of the three-phase waveform mode, Table 10.1.2 lists the comparison
of operations in three-phase mode 0 and 1, and Figure 10.1.1 shows the comparison of waveforms in three-
phase mode 0 and 1.
Table 10.1.1 Specifications of three-phase waveform mode
Table 10.1.2 Comparison of operations in three-phase mode 0 and 1
6 pins (U, U, V, V, W, W)
P6OUTCUT (Input of falling edge)
Three-phase mode 0 A timer A3 interrupt request occurs at each timer A3 underflow.
Three-phase mode 1
A timer A3 interrupt request occurs at each second timer A3
underflow or forth one.
Timers A0 through A2 (Used in the one-shot pulse mode)
• Timer A0 : W- and W-phase waveform control
• Timer A1 : V- and V-phase waveform control
• Timer A2 : U- and U-phase waveform control
Timer A3 (Used in the timer mode)
• Output period control
Saw-tooth-wave mo-
dulation output
Triangular wave mo-
dulation output
Fixed level output
Dead-time timer is used.
See Table 10.2.1.
Item
Specifications
Three-phase waveform output pins
Three-phase-waveform-output-
forcibly-cutoff signal input pin
Operation modes
Timer to be used
Three-phase waveform
period
Output waveform and
Output width
Dead time (width)
✕ 2 to
✕ 65535 ✕ 2 (Note)
1
f1
1
f4096
to
✕ 65535 (Note)
1
f1
1
f4096
to
✕ 65536
1
f1
1
f4096
Each of the U, V, W phases is fixed to an arbitrary level.
Each of the U, V, W phases is fixed to the reversed level of the
corresponding positive phase (the U, V, W phases).
Note: This value does not include the dead time.
Each timer A3 underflow
Each timer uses one register.
• By software, the output polarity can be set to the
output polarity set buffer of the U, V, or W phases.
• If necessary, the contents of each output
polarity set buffer are reversed by software.
Three-phase mode 0
Three-phase mode 1
Timer A3 interrupt request
occurrence interval
Timers A0 through A2
Output polarity
Each second timer A3 underflow or forth
one is selected by software.
Each timer uses two registers alternately.
• By software, the output polarity can be set
to the three-phase output polarity set buffer.
• At each period, the contents of the three-
phase output polarity set buffer are reversed
by hardware.
10.1 Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com