Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 206Page - Renesas Technology Corp 7906 Datasheet HTML 207Page - Renesas Technology Corp 7906 Datasheet HTML 208Page - Renesas Technology Corp 7906 Datasheet HTML 209Page - Renesas Technology Corp 7906 Datasheet HTML 210Page - Renesas Technology Corp 7906 Datasheet HTML 211Page - Renesas Technology Corp 7906 Datasheet HTML 212Page - Renesas Technology Corp 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-5
10.2.1 Waveform output mode register
Figure 10.2.2 shows the structure of the waveform output mode register (the three-phase waveform mode).
Note that writing to bits 0 through 6 of this register must be performed when the counting in timers A0
through A3 is halts.
10.2 Block description
Fig. 10.2.2 Structure of waveform output mode register (three-phase waveform mode)
Waveform output mode register (Address A616)
b7 b6 b5 b4 b3 b2 b1 b0
0
0
1
X
Waveform output select bits
(Note 1)
Three-phase output polarity set buffer
(Valid in three-phase mode 1) (Note 2)
Three-phase mode select bit
Dead-time timer trigger select bit
(Note 3)
Waveform output control bit
Bit name
Bit
Function
At reset
R/W
RW
RW
RW
RW
RW
RW
RW
RW
X: It may be either “0” or “1.”
Notes 1: When not using the pulse output mode and three-phase waveform mode, be sure to fix these bits to “0002.”
2: This bit is invalid in three-phase mode 0.
3: When the saw-tooth-wave modulation output is performed, be sure to fix this bit to “0.”
4: Writing to any of bits 0 to 6 must be performed while counting for timers A0 to A3 halts.
1 0 0 : Three-phase waveform mode
0 : “H” output
1 : “L” output
0 : Three-phase mode 0
1 : Three-phase mode 1
0: Both falling and rising edges of one-shot
pulse for timers A0 to A2
1: Only the falling edge of one-shot pulse for
timers A0 to A2
0 : Waveform output disabled
1 : Waveform output enabled
b0
b2
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
Invalid in the three-phase waveform mode.
b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com