Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 210Page - Renesas Technology Corp 7906 Datasheet HTML 211Page - Renesas Technology Corp 7906 Datasheet HTML 212Page - Renesas Technology Corp 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-9
10.2 Block description
10.2.3 Three-phase output data register 0
Figure 10.2.6 shows the structure of the three-phase output data register 0 (the three-phase waveform
mode).
For bits 7 and 6, refer to section “10.2.2 Dead-time timer.”
Fig. 10.2.6 Structure of three-phase output data register 0 (three-phase waveform mode)
(1) W-phase output fix bit (bit 0)
Setting of this bit to “1” fixes the output level at the W-phase waveform output pin to the level which
is selected by the W-phase fixed output’s polarity set bit (bit 0 at address A916); vice versa, the output
level at the W-phase waveform output pin is reversed.
(2) V-phase output fix bit (bit 1)
Setting of this bit to “1” fixes the output level at the V-phase waveform output pin to the level which
is selected by the V-phase fixed output’s polarity set bit (bit 1 at address A916); vice versa, the output
level at the V-phase waveform output pin is reversed.
(3) U-phase output fix bit (bit 2)
Setting of this bit to “1” fixes the output level at the U-phase waveform output pin to the level which
is selected by the U-phase fixed output’s polarity set bit (bit 2 at address A916); vice versa, the output
level at the U-phase waveform output pin is reversed.
(4) W-phase output polarity set buffer (bit 3)
This bit serves as the buffer to set the W-phase output polarity and is used in three-phase mode 0.
(Refer to section “10.2.9 Output polarity set toggle flip-flop.”)
Three-phase output data register 0 (Address A816)
b7 b6 b5 b4 b3 b2 b1 b0
X X
X: It may be either “0” or “1.”
Note: This bit is invalid in three-phase mode 1.
0 0 : f2
0 1 : f2/2
1 0 : f2/4
1 1 : Do not select.
W-phase output fix bit
V-phase output fix bit
U-phase output fix bit
W-phase output polarity set buffer
(Valid in three-phase mode 0.)
(Note)
Clock-source-of-dead-time-timer
select bits
Bit name
Bit
0
1
2
3
5, 4
6
7
Function
At reset
R/W
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
0 : Released from output fixation
1 : Output fixed
0 : Released from output fixation
1 : Output fixed
0 : Released from output fixation
1 : Output fixed
b7 b6
0 : “H” output
1 : “L” output
Invalid in the three-phase waveform mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com