Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 207Page - Renesas Technology Corp 7906 Datasheet HTML 208Page - Renesas Technology Corp 7906 Datasheet HTML 209Page - Renesas Technology Corp 7906 Datasheet HTML 210Page - Renesas Technology Corp 7906 Datasheet HTML 211Page - Renesas Technology Corp 7906 Datasheet HTML 212Page - Renesas Technology Corp 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-6
10.2 Block description
(1) Three-phase output polarity set buffer (bit 3)
This bit serves as the buffer to set the output polarity of the three-phase waveform and is used in
three-phase mode 1. (Refer to section “10.2.9 Output polarity set toggle flip-flop.”)
(2) Three-phase mode select bit (bit 4)
This bit is used to select three-phase mode 0 or 1.
(3) Dead-time timer trigger select bit (bit 6)
This bit is used to select a trigger of the dead-time timer.
The saw-tooth-wave modulation requires that this bit is fixed to “0.”
(4) Waveform output control bit (bit 7)
Setting of this bit to “1” allows the three-phase waveform output from the three-phase waveform output
pins. Clearance of this bit to “0” makes the three-phase waveform output pins floating.
When a falling edge is input to pin P6OUTCUT, this bit becomes “0.” (See Figure 10.2.15.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com