Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 211Page - Renesas Technology Corp 7906 Datasheet HTML 212Page - Renesas Technology Corp 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-10
10.2 Block description
10.2.4 Three-phase output data register 1
Figure 10.2.7 shows the structure of the three-phase output data register 1 (the three-phase waveform
mode).
Fig. 10.2.7 Structure of three-phase output data register 1 (three-phase waveform mode)
Three-phase output data register 1 (Address A916)
b7 b6 b5 b4 b3 b2 b1 b0
X X
0 : “H” output
1 : “L” output
0 : An interrupt request occurs at each even-number-
ed underflow of timer A3
1 : An interrupt request occurs at each odd-number-
ed underflow of timer A3
W-phase fixed output’s polarity
set bit
(Note 1)
V-phase fixed output’s polarity
set bit
(Note 2)
U-phase fixed output’s polarity
set bit
(Note 3)
V-phase output polarity set buffer
(in three-phase mode 0)
Interrupt request interval set bit
(in three-phase mode 1)
U-phase output polarity set buffer
(in three-phase mode 0)
Interrupt validity output select bit
(in three-phase mode 1)
0 : “H” output
1 : “L” output
0 : Every second time
1 : Every forth time
Bit name
Bit
0
1
2
3
4
5
7, 6
Function
At reset
R/W
0 : “H” output fixed
1 : “L” output fixed
0 : “H” output fixed
1 : “L” output fixed
0 : “H” output fixed
1 : “L” output fixed
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
X: It may be either “0” or “1.”
Notes 1: Valid when the W-phase output fix bit (bit 0 at address A816) = “1.” Be sure not to change the value during output of a
fixed value.
2: Valid when the V-phase output fix bit (bit 1 at address A816) = “1.” Be sure not to change the value during output of a
fixed value.
3: Valid when the U-phase output fix bit (bit 2 at address A816) = “1.” Be sure not to change the value during output of a
fixed value.
X
Invalid in the three-phase waveform mode.
Invalid in the three-phase waveform mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com