Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp 7906 Datasheet HTML 220Page - Renesas Technology Corp 7906 Datasheet HTML 221Page - Renesas Technology Corp 7906 Datasheet HTML 222Page - Renesas Technology Corp 7906 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-14
10.2 Block description
Fig. 10.2.11 Structures of timer A0/A1/A2 register and timer A01/A11/A21 register
10.2.8 Timer A3
Timer A3 is used to control the carrier’s period of the whole three-phase waveform and is used in the timer
mode.
Figure 10.2.12 shows the structure of the timer A3 mode register (the three-phase waveform mode).
Fig. 10.2.12 Structure of timer A3 mode register (three-phase waveform mode)
Bit name
Bit
0
1
2
3
4
5
6
7
Timer A3 mode register (Address 5916)
Function
At reset
R/W
Fix these bits to “0000002” in the three-phase waveform mode.
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
0
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
00
0
00
See Table 7.2.3.
Undefined
15 to 0
Any value in the range from “000016” to “FFFF16” can be set.
Assuming that the set value = n, the “H” level width of the one-shot pulse is expressed
as follows :
WO
b0
b7
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
b0
b7
(b15)
(b8)
fi: Frequency of count source
Note: Use the MOVM or STA(STAD) instruction for writing to this register.
Writing to this register must be performed in a unit of 16 bits.
n
fi.
Bit
Function
At reset
R/W
Timer A01 register (Addresses D116, D016)
Timer A11 register (Addresses D316, D216)
Timer A21 register (Addresses D516, D416)
b0
b7
b0
b7
(b15)
(b8)
Undefined
15 to 0
Bit
Function
At reset
R/W
Any value in the range from 000016 to FFFF16 can be set.
Assuming that the set value = n, the “H” level width of the one-shot pulse is expressed
as follows: n/fi.
WO
fi: Frequency of a count source
Notes 1: Use the MOVM or STA (STAD) instruction for writing to this register. Additionally, make sure writing to this register
must be performed in a unit of 16 bits.
2: This register is valid only in three-phase mode 1 of the three-phase waveform mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com