Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp 7906 Datasheet HTML 220Page - Renesas Technology Corp 7906 Datasheet HTML 221Page - Renesas Technology Corp 7906 Datasheet HTML 222Page - Renesas Technology Corp 7906 Datasheet HTML 223Page - Renesas Technology Corp 7906 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-15
10.2 Block description
10.2.9 Output polarity set toggle flip-flop
The output polarity set toggle flip-flops 0 through 2 are used to control the output polarity of the positive
and negative phases of the three-phase waveform.
In three-phase mode 0, values are set into the U-, V-, W-phase output polarity set buffer (bits 5 and 4 at
address A916 and bit 3 at address A816).
In three-phase mode 1, a value is set into the three-phase output polarity set buffer (bit 3 at address A616).
These bits are transferred to the output polarity set toggle flip-flop at an underflow of timer A3.
The contents of the output polarity set toggle flip-flop are reversed at the end of the timer A0/A1/A2 one-
shot pulse.
Table 10.2.2 lists the relationship between the contents of the output polarity set toggle flip-flop and the
output level, and Figure 10.2.13 shows the operations of the output polarity set buffer and output polarity
set toggle flip-flop.
Table 10.2.2 Relationship between contents of output polarity set toggle flip-flop and output level
Fig. 10.2.13 Operations of output polarity set buffer and output polarity set toggle flip-flop
Contents of output polarity set toggle flip-flop
Output level of positive phase Output level of negative phase
0
1
H
L
L
H
Timer A3 underflow signal
Internal
signals
Timer A2 one-shot pulse
Contents of U-phase output
polarity set buffer
Contents of output polarity
set toggle-flip flop 2
Reversed
Reversed
Reversed
Reversed
Trans-
ferred
From buffer
1
0
1
0
Trans-
ferred
Trans-
ferred
Trans-
ferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com