Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 220Page - Renesas Technology Corp 7906 Datasheet HTML 221Page - Renesas Technology Corp 7906 Datasheet HTML 222Page - Renesas Technology Corp 7906 Datasheet HTML 223Page - Renesas Technology Corp 7906 Datasheet HTML 224Page - Renesas Technology Corp 7906 Datasheet HTML 225Page - Renesas Technology Corp 7906 Datasheet HTML 226Page - Renesas Technology Corp 7906 Datasheet HTML 227Page - Renesas Technology Corp 7906 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-19
10.3 Three-phase mode 0
Fig. 10.3.2 Initial setting example for registers relevant to three-phase mode 0 (2)
Three-phase waveform output starts.
Continued from the preceding page.
Check whether the timer Ai interrupt request bit is “1” or not.
(Note that the first one-shot pulse width of timer Ai must be
the maximum among those of timers A0 through A2.)
❈ The output level is stabilized.
b7
b0
Three-phase waveform output is enabled.
Waveform output mode register
(address A616)
1
Three-phase waveform output
is enabled.
Internal output for stabilization of output level
b7
b0
Count start register 0
(address 4016)
1
Starts counting in timer A0.
Starts counting in timer A1.
Starts counting in timer A2.
Starts counting in timer A3.
111
Waiting for the dead time, which
was previously set, to elapse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com