Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp 7906 Datasheet HTML 220Page - Renesas Technology Corp 7906 Datasheet HTML 221Page - Renesas Technology Corp 7906 Datasheet HTML 222Page - Renesas Technology Corp 7906 Datasheet HTML 223Page - Renesas Technology Corp 7906 Datasheet HTML 224Page - Renesas Technology Corp 7906 Datasheet HTML 225Page - Renesas Technology Corp 7906 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-17
10.3 Three-phase mode 0
10.3 Three-phase mode 0
10.3.1 Setting for three-phase mode 0
Explanation of the triangular wave modulation output and saw-tooth-wave modulation output in three-phase
mode 0 is described below. Table 10.3.1 lists the differences between the triangular wave modulation
output and the saw-tooth-wave modulation output (in view of software).
Table 10.3.1 Differences between triangular wave modulation output and saw-tooth-wave modulation
output (in view of software)
Figures 10.3.1 and 10.3.2 show an initial setting example for registers relevant to three-phase mode 0,
Figure 10.3.3 shows a data-updating example in three-phase mode 0.
Note that the initial output level at the three-phase waveform output pin is undefined. Be sure to start the
three-phase waveform output (in other words, the waveform output is enabled.) after the output level at the
three-phase waveform output pin is stabilized.
Falling and Rising edges of timers A0
through A2
Not reversed.
Trigger of dead-time timer
Contents of output polarity set
buffer
Falling edge of timers A0 through A2
Reversed at each timer A3 interrupt
request occurrence.
Triangular wave modulation output
Saw-tooth-wave modulation output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com