Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp 7906 Datasheet HTML 220Page - Renesas Technology Corp 7906 Datasheet HTML 221Page - Renesas Technology Corp 7906 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-13
10.2.6 Port P5 direction register
The position-data input pins are multiplexed with port P5 pin.
When using these pins as position-data-input pins, clear the corresponding bits of the port P5 direction
register to “0” in order to set these port pins for the input mode.
Figure 10.2.9 shows the relationship between the port P5 direction register and position-data-input pins.
10.2 Block description
Fig. 10.2.9 Relationship between port P5 direction register and position-data-input pins
10.2.7 Timers A0 through A2
Each of timers A0 through A2 is used to control the output width of each phase, and these timers are used
in the one-shot pulse mode.
Figure 10.2.10 shows the structure of timer A0/A1/A2 mode register (in the three-phase waveform mode).
Because the underflow signal of timer A3 serves as a trigger for timers A0 through A3, it is unnecessary
to set the one-shot start bit to “1.”
Note that, in three-phase mode 1, each of timers A0 through A2 has the following two registers: timer A0/
A1/A2 register (addresses 4616 and 4716, 4816 and 4916, 4A16 and 4B16) and timer A01/A11/A21 register
(addresses D016 and D116, D216 and D316, D416 and D516). These two registers are used to control the output
width.
Figure 10.2.11 shows the structures of the timer A0/A1/A2 mode register and timer A01/A11/A21 register.
Fig. 10.2.10 Structure of timer A0/A1/A2 mode register (three-phase waveform mode)
Corresponding pin
Bit
4 to 0
5
6
7
Port P5 direction register (Address D16)
Functions
At reset
R/W
Nothing is assigned.
Pin IDW (Pin INT5/TB0IN)
Pin IDV (Pin INT6/TB1IN)
Pin IDU (Pin INT7/TB2IN)
—
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Note: The pins in ( ) are I/O pins of other internal peripheral devices, which are multiplexed.
0 : Input mode
1 : Output mode
When using this pin as a position-data input pin,
be sure to clear the corresponding bit to “0.”
Undefined
0
0
0
Bit name
Bit
0
1
2
3
4
5
6
7
Timer A0/A1/A2 mode register (Addresses 5616 to 5816)
Function
At reset
R/W
Fix these bits to “0110102” in the three-phase waveform mode.
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
0
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
See Table 7.2.3.
01
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com