Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 212Page - Renesas Technology Corp 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp 7906 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-11
10.2 Block description
(1) W-phase fixed output’s polarity set bit (bit 0)
Clearance of this bit to “0” fixes the output level at the W-phase waveform output pin to “H”; vice
versa, setting of this bit to “1” fixes the output level at the W-phase waveform output pin to “L.”
The output level at the W-phase waveform output pin is reversed.
Note that this bit is valid only when the W-phase output fix bit (bit 0 at address A816) = “1.”
(2) V-phase fixed output’s polarity set bit (bit 1)
Clearance of this bit to “0” fixes the output level at the V-phase waveform output pin to “H”; vice versa,
setting of this bit to “1” fixes the output level at the V-phase waveform output pin to “L.”
The output level at the V-phase waveform output pin is reversed.
Note that this bit is valid only when the V-phase output fix bit (bit 1 at address A816) = “1.”
(3) U-phase fixed output’s polarity set bit (bit 2)
Clearance of this bit to “0” fixes the output level at the U-phase waveform output pin to “H”; vice versa,
setting of this bit to “1” fixes the output level at the U-phase waveform output pin to “L.”
The output level at the U-phase waveform output pin is reversed.
Note that this bit is valid only when the U-phase output fix bit (bit 2 at address A816) = “1.”
(4) V-phase output polarity set buffer (bit 4) (in three-phase mode 0)
This bit serves as the buffer to set the V-phase output polarity. (Refer to section “10.2.9 Output
polarity set toggle flip-flop.”)
Interrupt request interval set bit (bit 4) (in three-phase mode 1)
Clearance of this bit to “0” generates a timer A3 interrupt request at every second time; vice versa,
setting of this bit to “1” generates a timer A3 interrupt request at every forth time.
(Refer to section “10.4 Three-phase mode 1.”)
(5) U-phase output polarity set buffer (bit 5) (in three-phase mode 0)
This bit serves as the buffer to set the U-phase output polarity. (Refer to section “10.2.9 Output
polarity set toggle flip-flop.”)
Interrupt validity output select bit (bit 5) (in three-phase mode 1)
Clearance of this bit to “0” generates a timer A3 interrupt request at every even-numbered underflow
of timer A3; vice versa, setting of this bit to “1” generates a timer A3 interrupt request at every odd-
numbered underflow of timer A3.
(Refer to section “10.4 Three-phase mode 1.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com