Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp 7906 Datasheet HTML 218Page - Renesas Technology Corp 7906 Datasheet HTML 219Page - Renesas Technology Corp 7906 Datasheet HTML 220Page - Renesas Technology Corp 7906 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-12
10.2 Block description
10.2.5 Position-data-retain function control register
Figure 10.2.8 shows the structure of the position-data-retain function control register.
For details of the position-data-retain function, refer to section “10.6 Position-data-retain function.”
Fig. 10.2.8 Structure of position-data-retain function control register
(1) W-phase position data retain bit (bit 0)
This bit is used to retain the input level at pin IDW.
(2) V-phase position data retain bit (bit 1)
This bit is used to retain the input level at pin IDV.
(3) U-phase position data retain bit (bit 2)
This bit is used to retain the input level at pin IDU.
(4) Retain-trigger polarity select bit (bit 3)
This bit is used to select the trigger polarity to retain the position data.
When this bit = “0,” the falling edge of each positive phase is selected.
When this bit = “1,” the rising edge of each positive phase is selected.
Note: This register is valid only in the three-phase mode.
Bit name
Bit
0
1
2
3
7 to 4
Position-data-retain function control register (Address AA16)
Function
At reset
R/W
W-phase position data retain bit
V-phase position data retain bit
U-phase position data retain bit
Retain-trigger polarity select bit
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
0
0
0
0
Undefined
RO
RO
RO
RW
—
Input level at pin IDW is read out.
0 : “L” level
1 : “H” level
Input level at pin IDV is read out.
0 : “L” level
1 : “H” level
Input level at pin IDU is read out.
0 : “L” level
1 : “H” level
0 : Falling edge of positive phase
1 : Rising edge of positive phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com