Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 209Page - Renesas Technology Corp 7906 Datasheet HTML 210Page - Renesas Technology Corp 7906 Datasheet HTML 211Page - Renesas Technology Corp 7906 Datasheet HTML 212Page - Renesas Technology Corp 7906 Datasheet HTML 213Page - Renesas Technology Corp 7906 Datasheet HTML 214Page - Renesas Technology Corp 7906 Datasheet HTML 215Page - Renesas Technology Corp 7906 Datasheet HTML 216Page - Renesas Technology Corp 7906 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-8
10.2 Block description
When a certain value is written to the dead-time timer register, this value is written to the dead-time reload
register. The M37906 has three dead-time timers, and they are independent each other. When a trigger
is generated due to each of timers A0 through A2, the contents of the dead-time timer reload register are
reloaded; and then, the selected count source is counted down. Simultaneously, the one-shot pulse is
output. A trigger is selected by the dead-time timer trigger select bit (bit 6 at address A616), and the count
source is selected by the clock-source-of-dead-time-timer select bits (bits 7, 6 at address A816). When an
underflow occurs, the counting becomes inactive.
Figure 10.2.5 shows the relationship between the dead-time timer’s pulse and trigger, and Table 10.2.1
lists the pulse width of the dead-time timer.
Table 10.2.1 Pulse width of dead-time timer
Fig. 10.2.5 Relationship between dead-time timer’s pulse and trigger
n: A value which is set in the dead-time timer (address A716)
fi: The dead-time timer’s clock source (f2, f2/2, f2/4)
Note: Width of pulse starting from a re-trigger occurrence timing
Edge
Rising edge of timer Ai one-shot
pulse
Falling edge of timer Ai one-shot
pulse
Rising edge of timer Ai one-shot
pulse (Re-trigger)
Falling edge of timer Ai one-shot
pulse (Re-trigger)
State at trigger input
Dead-time timer:
inactive
Dead-time timer:
active
Pulse width
n : 0016
Trigger
n : 0116 through FF16
1
fi
1
fi
1
fi
1
fi
1
fi
1
fi
(Note)
(Note)
258 ✕
257 ✕
257 ✕
(n+2) ✕
(n+1) ✕
(n+1) ✕
Timer Ai’s one-shot pulse
Dead-time timer’s pulse
(Reversed signal)
Timer Ai’s one-shot pulse
Dead-time timer’s pulse
(Reversed signal)
s When dead-time timer trigger select bit = “0”
Timer Ai’s one-shot pulse
s When dead-time timer trigger select bit = “1”
Internal
signal
s When re-triggering
Internal
signal
Re-trigger
Re-trigger
Dead-time timer’s pulse
(Reversed signal)
Internal
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com