Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 185Page - Renesas Technology Corp 7906 Datasheet HTML 186Page - Renesas Technology Corp 7906 Datasheet HTML 187Page - Renesas Technology Corp 7906 Datasheet HTML 188Page - Renesas Technology Corp 7906 Datasheet HTML 189Page - Renesas Technology Corp 7906 Datasheet HTML 190Page - Renesas Technology Corp 7906 Datasheet HTML 191Page - Renesas Technology Corp 7906 Datasheet HTML 192Page - Renesas Technology Corp 7906 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-8
9.2 Block description
✕
✕
✕
✕
1
✕
✕
✕
✕
1
✕
✕
1
✕
1
1
✕
1
✕
✕
1
Pulse output pins where
pulse width modulation is to
be applied (Timers used for
pulse width modulation)
Pulse
mode 0
Pulse width modu-
lation timer select bits
(bits 5, 4 at
address A616)
Pulse width modu-
lation enable bit 2
(bit 2 at address A916)
Pulse width modu-
lation enable bit 1
(bit 1 at address A916)
Pulse width modu-
lation enable bit 0
(bit 0 at address A916)
RTP03 to RTP00
(Timer A1)
RTP11, RTP10,
RTP03 to RTP00
(Timer A1)
RTP11, RTP10,
RTP03
(Timer A2)
RTP02 to RTP00
(Timer A1)
RTP11, RTP10
(Timer A4)
RTP03, RTP02
(Timer A2)
RTP01, RTP00
(Timer A1)
00
00
01
10
X: It may be either “0” or “1.”
Table 9.2.3 Pulse-width-modulation-related bits
4 pins
6 pins
In a
unit of
3 pins
In a
unit of
2 pins
Pulse
mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com