Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 181Page - Renesas Technology Corp 7906 Datasheet HTML 182Page - Renesas Technology Corp 7906 Datasheet HTML 183Page - Renesas Technology Corp 7906 Datasheet HTML 184Page - Renesas Technology Corp 7906 Datasheet HTML 185Page - Renesas Technology Corp 7906 Datasheet HTML 186Page - Renesas Technology Corp 7906 Datasheet HTML 187Page - Renesas Technology Corp 7906 Datasheet HTML 188Page - Renesas Technology Corp 7906 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-4
9.2 Block description
9.2.1 Waveform output mode register
Figure 9.2.2 shows the structure of the waveform output mode register (in pulse output port mode).
Fig. 9.2.2 Structure of waveform output mode register (in pulse output port mode)
(1) Waveform output select bits (bits 2 to 0)
These bits are used to select whether a pin serves as a programmable I/O port pin or
a pulse output pin. Table 9.2.1 lists the functions of the waveform output select bits.
Table 9.2.1 Functions of waveform output select bits
Port: This serves as a programmable I/O port pin or timer I/O pin.
RTP: This serves as a pulse output pin regardless of the contents of the corresponding port direction register.
Note: This is selected by the pulse output mode select bit (bit 3 at address A616).
Pulse mode 0
(Note)
Pulse mode 1
(Note)
000
b2 b1 b0
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
Port
Port
Port
Port
RTP
RTP
RTP
Port
RTP
RTP
001
010
011
Do not select.
Do not select.
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
P65/RTP11
P64/RTP10
P63/RTP03
P62/RTP02
P61/RTP01
P60/RTP00
0
1
2
3
4
5
6
7
Waveform output select bits
(Note)
Pulse output mode select bit
Pulse width modulation timer
select bits
Waveform output control bit 0
Waveform output control bit 1
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
0
Bit name
Bit
Waveform output mode register (Address A616)
Function
At reset
R/W
b7 b6 b5 b4 b3 b2 b1 b0
When pulse mode 0 is selected,
0: RTP10, RTP11: pulse outputs are disabled.
1: RTP10, RTP11: pulse outputs are enabled.
When pulse mode 1 is selected,
fix this bit to “0.”
See Table 9.2.1.
See Table 9.2.2.
0 : Pulse mode 0
1 : Pulse mode 1
When pulse mode 0 is selected,
0 : RTP00 to RTP03: pulse outputs are disabled.
1 : RTP00 to RTP03: pulse outputs are enabled.
When pulse mode 1 is selected,
0 : RTP00 to RTP03, RTP10, RTP11: pulse outputs
are disabled.
1 : RTP00 to RTP03, RTP10, RTP11: pulse outputs
are enabled.
Note: When not using the pulse output port mode and three-phase waveform mode, be sure to fix these bits to “0002.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com