| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 184 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 184 Page - Renesas Technology Corp |
|
184 / 531 page ![]() PULSE OUTPUT PORT MODE 7906 Group User’s Manual Rev.2.0 9-3 9.2 Block description Fig. 9.2.1 Block diagram in pulse output port mode 9.2 Block description Figure 9.2.1 shows the block diagram in the pulse output port mode. Also, the pulse-output-port-mode- relevant registers are described below. In the pulse output port mode and three-phase waveform mode, the following registers are used in common: the waveform output mode register (address A616), three-phase output data register 0 (address A816), and three-phase output data register 1 (address A916). After the pulse output port mode is set by the waveform output select bits (bits 2 to 0 at address A616), be sure to set the relevant registers. Note that, when not using the pulse output port mode and three-phase waveform mode, be sure to fix the waveform output select bits (bits 2 to 0 at address A616) to “0002.” Bits 0 through 3 of three- phase output data register 0 (address A816) Pulse width modulation output of timer A1 Bits 4, 5 of three-phase output data register 0 (address A816) or Bits 4, 5 of three-phase output data register 1 (address A916) b0 b1 b2 b0 b1 b2 b3 b4 b5 Pulse output mode select bit (bit 3 at address A616) Pulse width modulation timer select bits (bits 5, 4 at address A616) RTP10 RTP11 Pulse output polarity select bit (bit 3 at address A916) RTP03 D Q D Q D Q Pulse width modulation enable bits 0 through 2 (bits 0 through 2 at address A916) D Q D Q Waveform output control bit 0 (bit 6 at address A616) Reset Waveform output control bit 1 (bit 7 at address A616) Reset Pulse width modulation output of timer A2 Pulse width modulation output of timer A4 T D Q RTP01 RTP02 D Q R T D Q D Q D Q R RTP00 T D Q Pulse width modulation circuit P6OUTCUT Timer A0 Pulse output triggger select bits (bits 7, 6 at address A816) RTPTRG0 Timer A3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |