| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 186 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 186 Page - Renesas Technology Corp |
|
186 / 531 page ![]() PULSE OUTPUT PORT MODE 7906 Group User’s Manual Rev.2.0 9-5 9.2 Block description (2) Pulse output mode select bit (bit 3) This bit is used to select the type of the pulse output port mode: pulse mode 0 or pulse mode 1. (3) Pulse width modulation timer select bits (bits 5 and 4) These bits are used to select the type of the pulse width modulation. Table 9.2.2 lists the functions of the pulse width modulation timer select bits. (4) Waveform output control bit 0 (bit 6) • Pulse mode 0 When this bit is set to “1,” pulse output from pins RTP10 and RTP11 becomes enabled. When this bit is cleared to “0,” pins RTP10 and RTP11 enter the floating state. • Pulse mode 1 Fix this bit to “0.” (5) Waveform output control bit 1 (bit 7) • Pulse mode 0 When this bit is set to “1,” pulse output from pins RTP00 to RTP03 becomes enabled. When this bit is cleared to “0,” pins RTP00 to RTP03 enter the floating state. • Pulse mode 1 When this bit is set to “1,” pulse output from pins RTP00 to RTP03, RTP10, and RTP11 becomes enabled. When this bit is cleared to “0,” pins RTP00 to RTP03, RTP10, and RTP11 enter the floating state. When a falling edge is input to pin P6OUTCUT, this bit becomes “0.” (See Figure 9.2.8.) Table 9.2.2 Functions of pulse width modulation timer select bits Note: The pulse width modulation cannot be applied to pins RTP10 and RTP11. Pulse mode 0 (Note) Pulse mode 1 00 b5 b4 P65/RTP11 P64/RTP10 P63/RTP03 P62/RTP02 P61/RTP01 P60/RTP00 P65/RTP11 P64/RTP10 P63/RTP03 P62/RTP02 P61/RTP01 P60/RTP00 P65/RTP11 P64/RTP10 P63/RTP03 P62/RTP02 P61/RTP01 P60/RTP00 01 10 11 Do not select. Do not select. Timer A1 Timer A1 Timer A2 Timer A1 Timer A2 P63/RTP03 P62/RTP02 P61/RTP01 P60/RTP00 Timer A1 Do not select. Do not select. Timer A4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |