Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 154Page - Renesas Technology Corp 7906 Datasheet HTML 155Page - Renesas Technology Corp 7906 Datasheet HTML 156Page - Renesas Technology Corp 7906 Datasheet HTML 157Page - Renesas Technology Corp 7906 Datasheet HTML 158Page - Renesas Technology Corp 7906 Datasheet HTML 159Page - Renesas Technology Corp 7906 Datasheet HTML 160Page - Renesas Technology Corp 7906 Datasheet HTML 161Page - Renesas Technology Corp 7906 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-7
TIMER B
Corresponding pin
Bit
4 to 0
5
6
7
Port P5 direction register (Address D16)
Functions
At reset
R/W
Nothing is assigned.
Pin TB0IN (Pin INT5/IDW)
(Note 1)
Pin TB1IN (Pin INT6/IDV)
(Note 2)
Pin TB2IN (Pin INT7/IDU)
(Note 3)
–
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: This applies when the TB0IN pin select bit (bit 0 at address AE16) = 0.
2: This applies when the TB1IN pin select bit (bit 1 at address AE16) = 0.
3: This applies when the TB2IN pin select bit (bit 2 at address AE16) = 0.
4: The pins in ( ) are I/O pins of other internal peripheral devices, which are multiplexed with the corresponding port P5 pins.
0 : Input mode
1 : Output mode
When using this pin as timer Bi’s input pin,
be sure to clear the corresponding bit to “0.”
Undefined
0
0
0
Fig. 8.2.6 Relationship between port P5 direction register, port P2 direction register, and timer Bi’s
input pins
8.2.6 Count source (in timer mode and pulse period/pulse width measurement mode)
In the timer mode and pulse period/pulse width measurement mode, the count source select bits (bits 6
and 7 at addresses 5B16 to 5D16) are used to select the count source (f2, f16, f64, or f512). (See Figures 8.3.1
and 8.5.1.)
0
0
0
0
0
0
0
0
Pin TA4OUT
Pin TA4IN
Pin TA9OUT
Pin TA9IN
Pin TB0IN
(Note 1)
Pin TB1IN
(Note 2)
Pin TB2IN
(Note 3)
Pin INT3/RTPTRG0
(Note 4)
Port P2 direction register (Address 816)
b7 b6 b5 b4 b3 b2 b1 b0
0 : Input mode
1 : Output mode
When using this pin as timer Bi’s input pin, be sure
to clear the corresponding bit to “0.”
Corresponding pin
Bit
Functions
At reset
R/W
Notes 1: This applies when the TB0IN pin select bit (bit 0 at address AE16) = 1.
2: This applies when the TB1IN pin select bit (bit 1 at address AE16) = 1.
3: This applies when the TB2IN pin select bit (bit 2 at address AE16) = 1.
4: This applies when the INT3/RTPTRG0 pin select bit (bit 3 at address AE16) = 1.
0
1
2
3
4
5
6
7
RW
RW
RW
RW
RW
RW
RW
RW
8.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com