Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 153Page - Renesas Technology Corp 7906 Datasheet HTML 154Page - Renesas Technology Corp 7906 Datasheet HTML 155Page - Renesas Technology Corp 7906 Datasheet HTML 156Page - Renesas Technology Corp 7906 Datasheet HTML 157Page - Renesas Technology Corp 7906 Datasheet HTML 158Page - Renesas Technology Corp 7906 Datasheet HTML 159Page - Renesas Technology Corp 7906 Datasheet HTML 160Page - Renesas Technology Corp 7906 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-6
TIMER B
8.2.5 Port P2 direction register, Port P5 direction register
The input pins of timer Bi are multiplexed with port P5 pins. By using the TB0IN/TB1IN/TB2IN pin select bit
(see Figure 8.2.5.), pin TB0IN/TB1IN/TB2IN can be allocated to the corresponding port P2 pin.
When using pins P55(P24)/TB0IN, P56(P25)/TB1IN, P57(P26)/TB2IN as timer Bi’s input pins, be sure to clear
the corresponding bits of the port direction register, which is multiplexed, to “0” in order to set these pins
to the input mode. (See Figure 8.2.6.)
8.2 Block description
Port P2 pin function control register (Address AE16)
0
1
2
3
6 to 4
7
Bit name
Bit
Function
At reset
R/W
Pin TB0IN select bit
Pin TB1IN select bit
Pin TB2IN select bit
Pin INT3/RTPTRG0 select bit
(Note)
Nothing is assigned.
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 : Allocate pin TB2IN to P57.
1 : Allocate pin TB2IN to P26.
0: Allocate pin INT3/RTPTRG0 to P74.
1: Allocate pin INT3/RTPTRG0 to P27.
0 : Allocate pin TB0IN to P55.
1 : Allocate pin TB0IN to P24.
0 : Allocate pin TB1IN to P56.
1 : Allocate pin TB1IN to P25.
0
0
0
0
Undefined
0
RW
RW
RW
RW
—
RW
Note: When allocating pin INT3/RTPTRG0 to P74, be sure the D-A1 output enable bit (bit 1 at address 9616) = “0” (output disabled).
0
Fig. 8.2.5 Structure of port P2 pin function control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com