Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 143Page - Renesas Technology Corp 7906 Datasheet HTML 144Page - Renesas Technology Corp 7906 Datasheet HTML 145Page - Renesas Technology Corp 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp 7906 Datasheet HTML 148Page - Renesas Technology Corp 7906 Datasheet HTML 149Page - Renesas Technology Corp 7906 Datasheet HTML 150Page - Renesas Technology Corp 7906 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-44
7.6 Pulse width modulation (PWM) mode
Fig. 7.6.4 Operation example of 16-bit pulse width modulator
Fig. 7.6.5 Operation example of 16-bit pulse width modulator (when counter value is updated during
pulse output)
(1 / fi) ✕ (216 – 1)
(1 / fi) ✕ (n)
Count source
TAjIN pin’s input signal
PWM pulse output
from TAjOUT pin
Note: The above applies when n = “000316” and an external trigger (rising edge of TAjIN pin’s input
signal) is selected.
Trigger is not generated by this signal.
Timer Aj interrupt
request bit
Cleared to “0” when interrupt request is accepted
or cleared by software.
fi: Frequency of count source
n: Reload register
➀ When an arbitrary value is set to the timer Aj register after setting “000016” to it, the timing when the PWM pulse goes “H”
depends on the timing when the new value is set.
Note: The above applies when an external trigger (rising edge of TAjIN pin’s input signal) is selected.
FFFE16
n
000116
TAjIN pin’s
input signal
(1 / fi) ✕ (216 –1)
(216 –1) – n
(1 / fi) ✕ (216 –1)
PWM pulse
output from
TAjOUT pin
“000016” is set to timer Aj
register.
“200016” is set to timer Aj
register.
200016
“FFFE16” is set to timer Aj
register.
n = Reload register’s contents
fi: Frequency of count source
Restarts counting.
Stops
counting.
Time
(1 / fi) ✕ (2 –1)
16
➀
n: Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com