Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 141Page - Renesas Technology Corp 7906 Datasheet HTML 142Page - Renesas Technology Corp 7906 Datasheet HTML 143Page - Renesas Technology Corp 7906 Datasheet HTML 144Page - Renesas Technology Corp 7906 Datasheet HTML 145Page - Renesas Technology Corp 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp 7906 Datasheet HTML 148Page - Renesas Technology Corp 7906 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-42
7.6 Pulse width modulation (PWM) mode
7.6.2 Trigger
When a trigger is generated, the TAjOUT pin starts to output PWM pulses. An internal or an external trigger
can be selected as that trigger.
An internal trigger is selected when the trigger select bits (bits 4 and 3 at addresses 5616 to 5816, 5A16, DA16)
are “002” or “012”; an external trigger is selected when these bits are “102” or “112.”
A trigger generated during PWM pulse output is invalid, and it does not affect the pulse output operation.
(1)
When selecting internal trigger
A trigger is generated when “1” is written to the count start bit (addresses 4016, 4116).
(2)
When selecting external trigger
A trigger is generated at the falling edge of the TAjIN pin’s input signal when bit 3 at addresses
5616 to 5816, 5A16, DA16 is “0,” or at its rising edge when bit 3 is “1.” However, the trigger input is
acceptableonly when the count start bit is “1.”
When using an external trigger, set the port P2 and port P6 direction registers’ bits which correspond
to the TAjIN pins for the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com