Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 142Page - Renesas Technology Corp 7906 Datasheet HTML 143Page - Renesas Technology Corp 7906 Datasheet HTML 144Page - Renesas Technology Corp 7906 Datasheet HTML 145Page - Renesas Technology Corp 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp 7906 Datasheet HTML 148Page - Renesas Technology Corp 7906 Datasheet HTML 149Page - Renesas Technology Corp 7906 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-43
7.6 Pulse width modulation (PWM) mode
7.6.3 Operation in PWM mode
➀ When the PWM mode is selected with the operating mode select bits, the TAjOUT pin outputs “L” level.
➁ When a trigger is generated, the counter (pulse width modulator) starts counting and the TAjOUT pin
outputs a PWM pulse (Notes 1 and 2).
➂ The timer Aj interrupt request bit is set to “1” each time the PWM pulse level goes from “H” to “L.”
The interrupt request bit remains set to “1” until the interrupt request is accepted or until the interrupt
request bit is cleared to “0” by software.
➃ Each time a PWM pulse has been output for one period, the reload register’s contents are reloaded and
the counter continues counting.
The following explains operations of the pulse width modulator.
(1)
16-bit pulse width modulator
When the 16/8-bit PWM mode select bit is cleared to “0,” the counter operates as a 16-bit pulse width
modulator. Figures 7.6.4 and 7.6.5 show operation examples of the 16-bit pulse width modulator.
(2)
8-bit pulse width modulator
When the 16/8-bit PWM mode select bit is set to “1,” the counter is divided into 8-bit halves. Then,
the high-order 8 bits operate as an 8-bit pulse width modulator, and the low-order 8 bits operate as
an 8-bit prescaler. Figures 7.6.6 and 7.6.7 show operation examples of the 8-bit pulse width modulator.
Notes 1: If a value “000016” is set into the timer Aj register when the counter operates as a 16-bit
pulse width modulator, the pulse width modulator does not operate and the output from the
TAjOUT pin remains “L” level. The timer Aj interrupt request does not occur. Similarly, if a
value “0016” is set into the high-order 8 bits of the timer Aj register when the counter
operates as an 8-bit pulse width modulator, the same is performed.
2: When the counter operates as an 8-bit pulse width modulator, after a trigger is generated,
the TAjOUT pin outputs “L” level for a period of (1 / fi) ✕ (m + 1) ✕ (n + 1). After that, the
PWM pulse output will start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com