Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 134Page - Renesas Technology Corp 7906 Datasheet HTML 135Page - Renesas Technology Corp 7906 Datasheet HTML 136Page - Renesas Technology Corp 7906 Datasheet HTML 137Page - Renesas Technology Corp 7906 Datasheet HTML 138Page - Renesas Technology Corp 7906 Datasheet HTML 139Page - Renesas Technology Corp 7906 Datasheet HTML 140Page - Renesas Technology Corp 7906 Datasheet HTML 141Page - Renesas Technology Corp 7906 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-35
7.5 One-shot pulse mode
7.5.3 Operation in one-shot pulse mode
➀ When the one-shot pulse mode is selected with the operating mode select bits, the TAjOUT pin outputs
“L” level.
➁ When the count start bit is set to “1,” the counter is enabled for counting. After that, counting starts when
a trigger is generated.
➂ When the counter starts counting, the TAjOUT pin outputs “H” level. (When a value of “000016” is set to
the timer Aj register, the counter stops operating, the output level at pin TAjOUT remains “L,” and no timer
Aj interrupt request does not occur.)
➃ When the counter value becomes “000016,” the output from the TAjOUT pin becomes “L” level.
Additionally, the reload register’s contents are reloaded and the counter stops counting there.
➄ Simultaneously with ➃, the timer Aj interrupt request bit is set to “1.”
This interrupt request bit remains set to “1” until the interrupt request is accepted or until the interrupt
request bit is cleared to “0” by software.
Figure 7.5.5 shows an example of operation in the one-shot pulse mode.
When a trigger is generated after ➃ above, the counter and TAjOUT pin perform the same operations
beginning from ➁ again. Furthermore, if a trigger is generated during counting, the counter performs
countdown once after this new trigger is generated, and then, it continues counting with the reload register’s
contents reloaded. If generating a trigger during counting, make sure that a certain time which is equivalent
to one cycle of the timer’s count source or more has passed between the previously trigger occurrence and
a new trigger occurrence.
The one-shot pulse output from the TAjOUT pin can be disabled by clearing the timer Aj mode register’s bit
2 to “0.” Accordingly, timer Aj can also be used as an internal one-shot timer that does not perform the
pulse output. In this case, the TAjOUT pin functions as a programmable I/O port pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com