Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 131Page - Renesas Technology Corp 7906 Datasheet HTML 132Page - Renesas Technology Corp 7906 Datasheet HTML 133Page - Renesas Technology Corp 7906 Datasheet HTML 134Page - Renesas Technology Corp 7906 Datasheet HTML 135Page - Renesas Technology Corp 7906 Datasheet HTML 136Page - Renesas Technology Corp 7906 Datasheet HTML 137Page - Renesas Technology Corp 7906 Datasheet HTML 138Page - Renesas Technology Corp 7906 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-32
7.5 One-shot pulse mode
Fig. 7.5.3 Initial setting example for registers related to one-shot pulse mode (2)
Count starts.
Trigger generated
b7
b0
Port P6 direction register
(Address 1016)
Setting port P6 and port P2 direction registers
Pin TA0IN
Pin TA1IN
Clear the corresponding bit to “0.”
Trigger input to
TAjIN pin
When internal trigger
is selected
When external trigger
is selected
Continued from preceding
Figure 7.5.2
Port P2 direction register
(Address 816)
Pin TA4IN
b7
b0
Pin TA2IN
Pin TA9IN
Setting count start bit to “1”
b7
b0
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A4 count start bit
Count start register 0
(Address 4016)
b7
b0
Timer A9 count start bit
Count start register 1
(Address 4116)
b7
b0
One-shot start register 0
(Address 4216)
Setting one-shot start bit to “1”
Timer A0 one-shot start bit
b7
b0
One-shot start register 1
(Address 4316)
Timer A9 one-shot start bit
Setting count start bit to “1”
b7
b0
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A4 count start bit
Count start register 0
(Address 4016)
b7
b0
Timer A9 count start bit
Count start register 1
(Address 4116)
00
00 0 0 0
Timer A1 one-shot start bit
Timer A2 one-shot start bit
Timer A4 one-shot start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com