Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 128Page - Renesas Technology Corp 7906 Datasheet HTML 129Page - Renesas Technology Corp 7906 Datasheet HTML 130Page - Renesas Technology Corp 7906 Datasheet HTML 131Page - Renesas Technology Corp 7906 Datasheet HTML 132Page - Renesas Technology Corp 7906 Datasheet HTML 133Page - Renesas Technology Corp 7906 Datasheet HTML 134Page - Renesas Technology Corp 7906 Datasheet HTML 135Page - Renesas Technology Corp 7906 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-29
Item
Count source fi
Count operation
Output pulse width (“H”)
Count start condition
Count stop condition
Interrupt request occurrence timing
TAjIN pin’s function
TAjOUT pin’s function
Read from timer Aj register
Write to timer Aj register
Specifications
f1, f2, f16, f64, f512, or f4096
q Countdown
q When the counter value becomes “000016,” reload register’s con-
tents are reloaded, and counting stops.
q If a trigger occurs during counting, reload register’s contents are
reloaded, and counting continues.
q When a trigger occurs. (Note)
q Internal or external trigger can be selected by software.
q When the counter value becomes “000016”
q When the count start bit is cleared to “0”
When counting stops.
Programmable I/O port pin or trigger input pin
One-shot pulse output
An undefined value is read out.
q While counting is stopped
When a value is written to timer Aj register, it is written to both of
the reload register and counter.
q While counting is in progress
When a value is written to timer Aj register, it is written only to the
reload register. (Transferred to counter at the next reload timing.)
7.5 One-shot pulse mode
Timer Aj (j = 0 to 2, 4, 9) is equipped with the one-shot pulse mode. In this mode, the timer outputs a pulse
which has an arbitrary width once.
When a trigger occurs, the timer outputs “H” level from the TAjOUT pin for an arbitrary time. Table 7.5.1 lists
the specifications of the one-shot pulse mode. Figure 7.5.1 shows the structures of the timer Aj register and
timer Aj mode register in the one-shot pulse mode.
Each of timers A3, A5 to A8 is not equipped with this mode.
Table 7.5.1 Specifications of one-shot pulse mode
7.5 One-shot pulse mode
n
fi
[s]
n : Timer Aj register’s set value
Note: The trigger is generated with the count start bit = “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com