Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 125Page - Renesas Technology Corp 7906 Datasheet HTML 126Page - Renesas Technology Corp 7906 Datasheet HTML 127Page - Renesas Technology Corp 7906 Datasheet HTML 128Page - Renesas Technology Corp 7906 Datasheet HTML 129Page - Renesas Technology Corp 7906 Datasheet HTML 130Page - Renesas Technology Corp 7906 Datasheet HTML 131Page - Renesas Technology Corp 7906 Datasheet HTML 132Page - Renesas Technology Corp 7906 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-26
7.4 Event counter mode
7.4.4 Selectable functions
The following describes the selectable pulse output, and two-phase pulse signal processing functions.
(1)
Pulse output function
The pulse output function is selected by setting the pulse output function select bit (bit 2 at addresses
5616 to 5816, 5A16, DA16) to “1.” When this function is selected, the TAjOUT pin is forcibly set for the
pulse output pin regardless of the corresponding bits of the port P2 and port P6 direction registers.
The TAjOUT pin outputs a pulse of which polarity is inverted each time a counter underflow or overflow
occurs. (Refer to Figure 7.3.5).
When the count start bit (addresses 4016, 4116) is “0” (count stopped), the TAjOUT pin outputs “L” level.
(2)
Two-phase pulse signal processing function (Timers A2, A4, A9)
For timers A2, A4, A9, the two-phase pulse signal processing function is selected by setting the two-
phase pulse signal processing select bits (bits 5 and 7 at address 4416, bit 7 at address C416) to “1.”
(See Figure 7.4.5.) Figure 7.4.6 shows the timer A2/A4/A9 mode registers when the two-phase pulse
signal processing function is selected.
For timers with two-phase pulse signal processing function selected, the timer counts two kinds of
pulses of which phases differ by 90 degrees. There are two types of the two-phase pulse signal
processing: normal processing and quadruple processing. In timer A2, normal processing is performed;
in timers A4 and A9, quadruple processing is performed.
For the port P2 and P6 direction registers’ bits corresponding to the pins used for two-phase pulse
input, be sure to set these bits for the input mode.
Fig. 7.4.6 Timer A2/A4/A9 mode registers when two-phase pulse signal processing function is selected
1
00
0
0
1
Timer A2 mode register (Address 5816)
Timer A4 mode register (Address 5A16)
Timer A9 mode register (Address 5D16)
b7
b6
b5
b4
b3
b2
b1
b0
✕ : It may be either “0” or “1.”
✕✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com