Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 122Page - Renesas Technology Corp 7906 Datasheet HTML 123Page - Renesas Technology Corp 7906 Datasheet HTML 124Page - Renesas Technology Corp 7906 Datasheet HTML 125Page - Renesas Technology Corp 7906 Datasheet HTML 126Page - Renesas Technology Corp 7906 Datasheet HTML 127Page - Renesas Technology Corp 7906 Datasheet HTML 128Page - Renesas Technology Corp 7906 Datasheet HTML 129Page - Renesas Technology Corp 7906 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-23
7.4.2 Operation in event counter mode
➀ When the count start bit is set to “1,” the counter starts counting of the count source’s valid edge.
➁ When a counter underflow or overflow occurs, the reload register’s contents are reloaded, and counting
continues.
➂ The timer Aj interrupt request bit is set to “1” at the underflow or overflow in ➁.
The interrupt request bit remains set to “1” until the interrupt request is accepted or until the interrupt
request bit is cleared to “0” by software.
Figure 7.4.4 shows an example of operation in the event counter mode.
7.4 Event counter mode
Fig. 7.4.4 Example of operation in event counter mode (without pulse output and two-phase pulse
signal processing functions)
Timer Aj interrupt
request bit
FFFF16
n
000016
Time
Count start bit
Cleared to “0” when interrupt request is accepted or cleared by software.
Set to “1” by software.
Starts counting.
Up-down bit
Note: The above applies when the up-down bit’s contents are selected as the up-down switching factor (i.e., up-down
switching factor select bit = “0” ).
Set to “1” by software.
n : Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com