Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 115Page - Renesas Technology Corp 7906 Datasheet HTML 116Page - Renesas Technology Corp 7906 Datasheet HTML 117Page - Renesas Technology Corp 7906 Datasheet HTML 118Page - Renesas Technology Corp 7906 Datasheet HTML 119Page - Renesas Technology Corp 7906 Datasheet HTML 120Page - Renesas Technology Corp 7906 Datasheet HTML 121Page - Renesas Technology Corp 7906 Datasheet HTML 122Page - Renesas Technology Corp 7906 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-16
(2)
Pulse output function
The pulse output function is selected by setting the pulse output function select bit (bit 2 at addresses
5616 to 5816, 5A16, DA16) to “1.” When this function is selected, the TAjOUT pin is forcibly set for the
pulse output pin regardless of the corresponding bits of the port P2 and port P6 direction registers.
The TAjOUT pin outputs a pulse of which polarity is inverted each time a counter underflow occurs.
When the count start bit (addresses 4016, 4116) is “0” (count stopped), the TAjOUT pin outputs “L” level.
Figure 7.3.5 shows an example of operation with the pulse output function selected.
7.3 Timer mode
Fig. 7.3.5 Example of operation with pulse output function selected
FFFF16
n
000016
Time
Count start bit
Timer Aj interrupt
request bit
Cleared to “0” when interrupt request is accepted or cleared by software.
Set to “1” by software.
Starts counting.
Pulse output from
TAjOUT pin
Set to “1” by software.
Cleared to “0” by software.
Starts counting.
Restarts
counting.
n : Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com