Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp 7906 Datasheet HTML 115Page - Renesas Technology Corp 7906 Datasheet HTML 116Page - Renesas Technology Corp 7906 Datasheet HTML 117Page - Renesas Technology Corp 7906 Datasheet HTML 118Page - Renesas Technology Corp 7906 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-12
7.3 Timer mode
Fig. 7.3.1 Structures of timer Ai register and timer Ai mode register in timer mode
0
1
2
3
4
5
6
7
Timer A0 register (Addresses 4716, 4616)
Timer A5 register (Addresses C716, C616)
Timer A1 register (Addresses 4916, 4816)
Timer A6 register (Addresses C916, C816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A7 register (Addresses CB16, CA16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A8 register (Addresses CD16, CC16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
Undefined
15 to 0 Any value in the range from “000016” to “FFFF16” can be set.
Assuming that the set value = n, the counter divides the count source frequency by (n + 1).
When reading, the register indicates the counter value.
RW
b0
b7
b0
b7
(b15)
(b8)
Timer Aj mode register (j = 0 to 2, 4, 9) (Addresses 5616 to 5816, 5A16, DA16)
Operating mode select bits
Pulse output function select bit
Gate function select bits
Fix this bit to “0” in timer mode.
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
b1 b0
00
0 0 :
No gate function
0 1 :
(TAjIN pin functions as a programmable I/O
port pin.)
1 0 :
Gate function
(Counter is active only while TAjIN pin’s in-
put signal is at “L” level.)
1 1 :
Gate function
(Counter is active only while TAjIN pin’s in-
put signal is at “H” level.)
b4 b3
0 : No pulse output
(TAjOUT pin functions as a programmable I/O port
pin.)
1 : Pulse output
(TAjOUT pin functions as a pulse output pin.)
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
See Table 7.2.3.
0
Bit name
Bit
Function
At reset
R/W
Bit
Function
At reset
R/W
0
1
5 to 2
6
7
Timer Ak mode register (k = 3, 5 to 8) (Addresses 5916, D616 to D916)
Operating mode select bits
Fix these bits to “0000” in timer mode.
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
b1 b0
00
0
0
0
0
0
RW
RW
RW
RW
RW
See Table 7.2.3.
0
Bit name
Bit
Function
At reset
R/W
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com