Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 110Page - Renesas Technology Corp 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp 7906 Datasheet HTML 115Page - Renesas Technology Corp 7906 Datasheet HTML 116Page - Renesas Technology Corp 7906 Datasheet HTML 117Page - Renesas Technology Corp 7906 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-11
7.3 Timer mode
In this mode, the timer counts an internally generated count source. Table 7.3.1 lists the specifications of
the timer mode. Figure 7.3.1 shows the structures of the timer Ai register and timer Ai mode register in the
timer mode.
Table 7.3.1 Specifications of timer mode
Item
Count source fi
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TAjIN pin function
TAjOUT pin function
Read from timer Ai register
Write to timer Ai register
Specifications
f1, f2, f16, f64, f512, or f4096
• Countdown
• When a counter underflow occurs, reload register’s contents are
reloaded, and counting continues.
When count start bit is set to “1.”
When count start bit is cleared to “0.”
When a counter underflow occurs.
Programmable I/O port pin or gate input pin
Programmable I/O port pin or pulse output pin
Counter value can be read out.
q While counting is stopped
When a value is written to the timer Ai register, it is written to both
reload register and counter.
q While counting is in progress
When a value is written to the timer Ai register, it is written to only
reload register. (Transferred to the counter at the next reload timing.)
n : Timer Ai register setting value
1
(n + 1)
7.3 Timer mode
Note: Only timer Aj (j = 0 to 2, 4, 9) is equipped with the I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com