Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 108Page - Renesas Technology Corp 7906 Datasheet HTML 109Page - Renesas Technology Corp 7906 Datasheet HTML 110Page - Renesas Technology Corp 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp 7906 Datasheet HTML 115Page - Renesas Technology Corp 7906 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-9
7.2.5 Timer Ai interrupt control register
Figure 7.2.6 shows the structure of the timer Ai interrupt control register. For details about interrupts, refer
to “CHAPTER 6. INTERRUPTS.”
7.2 Block description
b7 b6 b5 b4 b3 b2 b1 b0
0
1
2
3
7 to 4
Interrupt priority level select bits
Interrupt request bit
Nothing is assigned.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
0
0
0
0
Undefined
RW
RW
RW
RW
(Note)
—
Bit name
Bit
Function
At reset
R/W
Timer Ai interrupt control register (i = 0 to 4) (Addresses 7516 to 7916)
(i = 5 to 9) (Addresses F516 to F916)
Note: When writing to this bit, use the MOVM (MOVMB) instruction or STA (STAB, STAD) instruction.
Fig. 7.2.6 Structure of timer Ai interrupt control register
(1)
Interrupt priority level select bits (bits 2 to 0)
These bits are used to select a timer Ai interrupt’s priority level. When using timer Ai interrupts,
select the priority level from levels 1 through 7. When a timer Ai interrupt request occurs, its priority
level is compared with the processor interrupt priority level (IPL), so that the requested interrupt is
enabled only when its priority level is higher than the IPL. (However, this applies when the interrupt
disable flag (I) = “0.”) To disable timer Ai interrupts, set these bits to “0002” (level 0).
(2)
Interrupt request bit (bit 3)
This bit is set to “1” when a timer Ai interrupt request occurs. This bit is automatically cleared to “0”
when the timer Ai interrupt request is accepted. This bit can be set to “1” or cleared to “0” by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com