Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 107Page - Renesas Technology Corp 7906 Datasheet HTML 108Page - Renesas Technology Corp 7906 Datasheet HTML 109Page - Renesas Technology Corp 7906 Datasheet HTML 110Page - Renesas Technology Corp 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp 7906 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-8
7.2.4 Timer Ai mode register
Figure 7.2.5 shows the structure of the timer Ai mode register. The operating mode select bits are used
to select the operating mode of timer Ai. Bits 2 to 7 have different functions according to the operating
mode. These bits are described in the paragraph of each operating mode.
Fig. 7.2.5 Structure of timer Ai mode register
Operating mode select bits
(Note)
These bits have different functions according to the operating mode.
0
1
2
3
4
5
6
7
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
(i = 5 to 9) (Addresses D616 to DA16)
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot pulse mode
1 1 : Pulse width modulation (PWM) mode
b1 b0
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Bit name
Bit
Function
At reset
R/W
Note: In timers A3 and A5 to A8, fix these bits to “002.” Do not select “012,” “102,” and “112.”
7.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com