Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 465Page - Renesas Technology Corp 7906 Datasheet HTML 466Page - Renesas Technology Corp 7906 Datasheet HTML 467Page - Renesas Technology Corp 7906 Datasheet HTML 468Page - Renesas Technology Corp 7906 Datasheet HTML 469Page - Renesas Technology Corp 7906 Datasheet HTML 470Page - Renesas Technology Corp 7906 Datasheet HTML 471Page - Renesas Technology Corp 7906 Datasheet HTML 472Page - Renesas Technology Corp 7906 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 531 page
background image
L(DIR), Y
Function
Operation
length (Bit)
Addressing Modes
op n #
IMP
IMM
A
DIR
DIR, X DIR, Y (DIR) (DIR, X) (DIR), Y
Symbol
L(DIR)
op n #
op n #
op n #
op n #
op n # op n # op n #
op n #
op n #
op n #
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-64
C
←0
CLC
I
←0
CLI
m
←0
CLM
45 3 1
14 1 1
15 3 1
CBNE
(Notes 1 and
3)
CBNEB
(Note 1)
B6 6 3 41 9 5
7A
81 7 4
B6
B2 6 3 72 8 4
81 7 4
B2
PSL(bit n)
←0
(n = 0 to 7. Multiple bits can
be specified.)
CLP
98 4 2
Acc
←0
CLR
(Note 1)
AccL
←0016
CLRB
(Note 1)
54 1 1
81 2 2
54
44 1 1
81 2 2
44
X
←0
CLRX
Y
←0
CLRY
E4 1 1
F4 1 1
M
←0
CLRM
M8
←0016
CLRMB
D2 5 2
C2 5 2
A6 6 3 41 9 5
6A
81 7 4
A6
CBEQ
(Notes 1 and
3)
CBEQB
(Note 1)
A2 6 3 62 8 4
81 7 4
A2
16/8
8
16/8
8
–
–
–
–
16/8
8
16/8
8
16/8
16/8
if Acc = IMM or M = IMM
then PC
←PC + cnt + REL(–128 to
+127)
(cnt: Number of bytes of instruction)
if AccL = IMM8 or M8 = IMM8
then PC
←PC + cnt + REL (–128 to
+127)
(cnt: Number of bytes of instruction)
if Acc
≠ IMM or M ≠ IMM
then PC
←PC + cnt + REL (–128 to
+127)
(cnt: Number of bytes of instruction)
if AccL
≠ IMM8 or M8 ≠ IMM8
then PC
←PC+cnt+REL(–128 to
+127)
(cnt: Number of bytes of instruction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com