Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 478Page - Renesas Technology Corp 7906 Datasheet HTML 479Page - Renesas Technology Corp 7906 Datasheet HTML 480Page - Renesas Technology Corp 7906 Datasheet HTML 481Page - Renesas Technology Corp 7906 Datasheet HTML 482Page - Renesas Technology Corp 7906 Datasheet HTML 483Page - Renesas Technology Corp 7906 Datasheet HTML 484Page - Renesas Technology Corp 7906 Datasheet HTML 485Page - Renesas Technology Corp 7906 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 531 page
background image
ABS
op n # op n #
ABS, X
op n #
ABS, Y
op n #
ABL
op n #
ABL, X
op n #
(ABS)
op n #
L(ABS)
op n #
(ABS, X)
op n #
STK
op n #
REL
op n #
DIR, b, R
op n #
ABS, b, R
op n #
SR
op n #
(SR), Y
op n #
BLK
op n #
MAA 10 9 8 7 6 5 4 3 2 1 0
IPL
N V m x D I Z C
Addressing Modes
Processor Status register
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-77
• • • • •• •• • • •
•• • N • • • • • Z 0
21 9 4
CE
21 10 4
CF
21 10 4
C6
21 10 5
CC
21 11 5
CD
21 10 3
C3
21 13 3
C4
• • • N •• •• • Z 0
21 9 4
DE
21 10 4
DF
21 10 4
D6
21 10 5
DC
21 11 5
DD
•• ••• • • • • • •
21 10 3
D3
21 13 3
D4
31 5 4
2B +
5 i
31 9 4
2A +
5 i
•• ••• •• • • • •
•• • N V • • • • Z C
•• • N V • • • • Z C
•• ••• • • • • • •
31 5 4
4C
• • • N •• •• • Z •
• • • N •• •• • Z •
51 7 5
36
51 10 8
B7
• • • N •• •• • Z •
5E 3 3
81 4 4
5E
5F 4 3
81 5 4
5F
11 5 4
56
91 5 4
56
11 5 5
5C
91 5 5
5C
11 6 5
5D
91 6 5
5D
11 8 3
54
91 8 3
54
11 5 3
53
91 5 3
53
• • • N •• •• • Z •
• • • N •• •• • Z •
51 7 5
37
•• ••• • • • • • •
31 7 3
4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com