Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 485Page - Renesas Technology Corp 7906 Datasheet HTML 486Page - Renesas Technology Corp 7906 Datasheet HTML 487Page - Renesas Technology Corp 7906 Datasheet HTML 488Page - Renesas Technology Corp 7906 Datasheet HTML 489Page - Renesas Technology Corp 7906 Datasheet HTML 490Page - Renesas Technology Corp 7906 Datasheet HTML 491Page - Renesas Technology Corp 7906 Datasheet HTML 492Page - Renesas Technology Corp 7906 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 531 page
background image
L(DIR), Y
Function
Operation
length (Bit)
Addressing Modes
op n #
IMP
IMM
A
DIR
DIR, X DIR, Y (DIR) (DIR, X) (DIR), Y
Symbol
L(DIR)
op n #
op n #
op n #
op n #
op n # op n # op n #
op n #
op n #
op n #
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-84
Rotate to the right by n bits (n = 0 to
31)
E
Rotate to the right by n bits (n = 0 to
15)
m = 0
A
→ C → b15 … b0 →
m = 1
AL
→ C → b7 … b0 →
Rotate to the left by n bits (n = 0 to
31)
E
← b31 … b0 ← C ←
Rotate to the left by n bits (n = 0 to
15)
m = 0
A
← b15 … b0 ← C ←
m = 1
AL
← b7 … b0 ← C ←
Rotate to the right by 1 bit
m = 0
Acc or M16
→ C → b15 … b0 →
m = 1
AccL or M8
→ C → b7 … b0 →
ROL
(Note 1)
21 7 3
1A
21 8 3
1B
21 7 3
3A
21 8 3
3B
Rotate to the left by 1 bit
m = 0
Acc or M16
← b15 … b0 ← C ←
m = 1
AccL or M8
← b7 … b0 ← C ←
ROR
(Note 1)
13 1 1
81 2 2
13
53 1 1
81 2 2
53
ROL #n
(Note 4)
ROLD #n
(Note 4)
ROR #n
(Note 4)
C1 6 2
60 +
+ imm
imm
D1 8 2
60 +
+ imm
imm
C1 6 2
20 +
+ imm
imm
RORD #n
(Note 4)
D1 8 2
20 +
+ imm
imm
16/8
16/8
32
16/8
16/8
32
→ b31 … b0 → C →



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com