Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 490Page - Renesas Technology Corp 7906 Datasheet HTML 491Page - Renesas Technology Corp 7906 Datasheet HTML 492Page - Renesas Technology Corp 7906 Datasheet HTML 493Page - Renesas Technology Corp 7906 Datasheet HTML 494Page - Renesas Technology Corp 7906 Datasheet HTML 495Page - Renesas Technology Corp 7906 Datasheet HTML 496Page - Renesas Technology Corp 7906 Datasheet HTML 497Page - Renesas Technology Corp 7906 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 531 page
background image
ABS
op n # op n #
ABS, X
op n #
ABS, Y
op n #
ABL
op n #
ABL, X
op n #
(ABS)
op n #
L(ABS)
op n #
(ABS, X)
op n #
STK
op n #
REL
op n #
DIR, b, R
op n #
ABS, b, R
op n #
SR
op n #
(SR), Y
op n #
BLK
op n #
MAA 10 9 8 7 6 5 4 3 2 1 0
IPL
N V m x D I Z C
Addressing Modes
Processor Status register
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-89
•• ••• 1 • • • • •
•• • Specified flag
becomes “1”
(Note 21).
•• ••• •• • • • •
81 5 4
DE
81 6 4
DF
91 6 4
D6
81 6 5
DC
81 7 5
DD
11 6 3
D3
91 6 3
D3
11 9 3
D4
91 9 3
D4
DE 4 3 DF 5 3 11 6 4
D6
DC 5 4 DD 6 4
• • • • •• •• • • •
81 5 4
CE
81 6 4
CF
91 6 4
C6
81 6 5
CC
81 7 5
CD
11 6 3
C3
91 6 3
C3
11 9 3
C4
91 9 3
C4
CE 4 3 CF 5 3 11 6 4
C6
CC 5 4 CD 6 4
•• ••• • • • • • •
11 8 3
E3
11 11 3
E4
EE 6 3 EF 7 3 11 8 4
E6
EC 7 4 ED 8 4
• • • • •• •• • • •
• • • • •• •• • • •
E7 4 3
•• ••• •• • • • •
F7 4 3
•• • N V • • • • Z C
81 4 4
3E
81 5 4
3F
91 5 4
36
91 5 5
3C
91 6 5
3D
11 5 3
33
91 5 3
33
11 8 3
34
91 8 3
34
3E 3 3 3F 4 3 11 5 4
36
11 5 5
3C
11 6 5
3D
•• • N V • • • • Z C
•• • N V • • • • Z C
11 8 3
A3
11 11 3
A4
AE 6 3 AF 7 3 11 8 4
A6
11 8 5
AC
11 9 5
AD
•• • N V • • • • Z C
•• • N V • • • • Z C
•• • N V • • • • Z C
51 7 5
17
51 7 5
16
51 10 8
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com