Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 110Page - Renesas Technology Corp 38C3 Datasheet HTML 111Page - Renesas Technology Corp 38C3 Datasheet HTML 112Page - Renesas Technology Corp 38C3 Datasheet HTML 113Page - Renesas Technology Corp 38C3 Datasheet HTML 114Page - Renesas Technology Corp 38C3 Datasheet HTML 115Page - Renesas Technology Corp 38C3 Datasheet HTML 116Page - Renesas Technology Corp 38C3 Datasheet HTML 117Page - Renesas Technology Corp 38C3 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-49
2.3 Serial I/O
Control procedure by software:
q Control in the master unit
After setting the relevant registers shown in Figure 2.3.22, the master unit starts transmission or
reception of 1-byte data by writing transmission data to the serial I/O register.
To perform the communication in the timing shown in Figure 2.3.21, take the timing into account
and write transmission data. Additionally, read out the reception data when the serial I/O interrupt
request bit is set to “1,” or before the next transmission data is written to the serial I/O register.
Figure 2.3.24 shows a control procedure of the master unit using timer interrupts.
Fig. 2.3.24 Control procedure of master unit
Interrupt processing routine
executed every 488
µs
Write a transmission data
Read a reception data
N
Within a block transfer
period?
Y
Y
Complete to transfer
a block?
N
RTI
Write the first transmission data
(first byte) in a block
Count a block interval counter
N
Start a block transfer?
Y
Generating a certain block interval by
using a timer or other functions
Check of the block interval counter and
determination to start a block transfer
q
q
CLT (Note 1)
CLD (Note 2)
Push register to stack
Note 1: When using the Index X mode flag (T).
Note 2: When using the Decimal mode flag (D).
Pushing the register used in the interrupt
processing routine into the stack
q
Pop registersPopping registers which is pushed to stack
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com