Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 107Page - Renesas Technology Corp 38C3 Datasheet HTML 108Page - Renesas Technology Corp 38C3 Datasheet HTML 109Page - Renesas Technology Corp 38C3 Datasheet HTML 110Page - Renesas Technology Corp 38C3 Datasheet HTML 111Page - Renesas Technology Corp 38C3 Datasheet HTML 112Page - Renesas Technology Corp 38C3 Datasheet HTML 113Page - Renesas Technology Corp 38C3 Datasheet HTML 114Page - Renesas Technology Corp 38C3 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 224 page
background image
2-46
38C3 Group User’s Manual
APPLICATION
2.3 Serial I/O
(3)
Cyclic transmission or reception of block data (data of specified number of bytes) between
two microcomputers
Outline : When the clock synchronous serial I/O is used for communication, synchronization of the
clock and the data between the transmitting and receiving sides may be lost because of
noise included in the synchronous clock. It is necessary to correct that constantly, using
“heading adjustment”.
This “heading adjustment” is carried out by using the interval between blocks in this
example.
Figure 2.3.20 shows a connection diagram.
Fig. 2.3.20 Connection diagram
Specifications: • Synchronous clock frequency : 131 kHz (f(XIN) = 4.19 MHz is divided by 32.)
• Byte cycle: 488
µs
• Number of bytes for transmission or reception : 8 bytes/block each
• Block transfer cycle : 16 ms
• Block transfer term : 3.5 ms
• Interval between blocks : 12.5 ms
• Heading adjustment time : 8 ms
• Transfer direction : LSB first
Limitations of the specifications:
• Reading of the reception data and setting of the next transmission data must be
completed within the time obtained from “byte cycle – time for transferring 1-byte
data” (in this example, the time taken from generating of the serial I/O interrupt
request to input of the next synchronous clock is 431
µs).
• “Heading adjustment time < interval between blocks” must be satisfied.
SCLK1
SIN
SOUT
38C3 group
(master side)
38C3 group
(slave side)
SCLK1
SOUT
SIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com