Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 108Page - Renesas Technology Corp 38C3 Datasheet HTML 109Page - Renesas Technology Corp 38C3 Datasheet HTML 110Page - Renesas Technology Corp 38C3 Datasheet HTML 111Page - Renesas Technology Corp 38C3 Datasheet HTML 112Page - Renesas Technology Corp 38C3 Datasheet HTML 113Page - Renesas Technology Corp 38C3 Datasheet HTML 114Page - Renesas Technology Corp 38C3 Datasheet HTML 115Page - Renesas Technology Corp 38C3 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-47
2.3 Serial I/O
The communication is performed according to the timing shown in Figure 2.3.21. In the slave unit,
when a synchronous clock is not input within a certain time (heading adjusment time), the next clock
input is processed as the beginning (heading) of a block.
When a clock is input again after one block (8 bytes) is received, the clock is ignored.
Figure 2.3.22 shows the relevant registers setting in the master unit and Figure 2.3.23 shows the
relevant registers setting in the slave unit.
Fig. 2.3.21 Timing chart
D0
Byte cycle
Block transfer term
Block transfer cycle
D1
D2
D7
D0
Interval between blocks
Processing for heading adjustment
Heading adjustment time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com