Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 104Page - Renesas Technology Corp 38C3 Datasheet HTML 105Page - Renesas Technology Corp 38C3 Datasheet HTML 106Page - Renesas Technology Corp 38C3 Datasheet HTML 107Page - Renesas Technology Corp 38C3 Datasheet HTML 108Page - Renesas Technology Corp 38C3 Datasheet HTML 109Page - Renesas Technology Corp 38C3 Datasheet HTML 110Page - Renesas Technology Corp 38C3 Datasheet HTML 111Page - Renesas Technology Corp 38C3 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-43
2.3 Serial I/O
(2)
Output of serial data (control of peripheral IC)
Outline : Serial communication is performed, connecting port P57 with the CS pin of a peripheral IC.
Figure 2.3.15 shows a connection diagram, and Figure 2.3.16 shows a timing chart.
Fig. 2.3.15 Connection diagram
Specifications : • Use of serial I/O in clock synchronous serial I/O
• Synchronous clock frequency : 125 kHz (f(XIN) = 4 MHz is divided by 32)
• Transfer direction : LSB first
• Not use of serial I/O interrupt
• Port P57 is connected with the CS pin (“L” active) of the peripheral IC for transmission
control; the output level of port P57 is controlled by software.
Fig. 2.3.16 Timing chart
P57
SCLK1
SOUT
38C3 groupPeripheral IC
CS
CLK
DATA
CS
CLK
DATA
CS
CLK
DATA
DO0
DO1
DO2
DO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com