Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2673 Datasheet HTML 1Page - Texas Instruments OPA2673 Datasheet HTML 2Page - Texas Instruments OPA2673 Datasheet HTML 3Page - Texas Instruments OPA2673 Datasheet HTML 4Page - Texas Instruments OPA2673 Datasheet HTML 5Page - Texas Instruments OPA2673 Datasheet HTML 6Page - Texas Instruments OPA2673 Datasheet HTML 7Page - Texas Instruments OPA2673 Datasheet HTML 8Page - Texas Instruments OPA2673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, A0 = A1 = 0 (full power), G = +4V/V, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 76 for ac
performance only. Single channel specifications, except where noted.
OPA2673IDGQ, IRGV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
70°C(3)
+85°C(3)
UNIT
MAX
LEVEL(1)
DC PERFORMANCE (continued)
Noninverting input bias current
VCM = 0V
±5
±25
±27
±28
µA
max
A
Noninverting input bias current drift
VCM = 0V
±45
±47
µA/°C
max
B
Noninverting input bias current matching
VCM = 0V
±0.5
±5
±6
±7
µA
max
A
Inverting input bias current
VCM = 0V
±6
±48
±52
±55
µA
max
A
Inverting input bias current drift
VCM = 0V
±90
±110
µA/°C
max
B
Inverting input bias current matching
VCM = 0V
±6
±25
±30
±30
µA
max
A
INPUT(5)
Common-mode input range(6)
±3.6
±3.5
±3.3
±3.2
V
min
A
Common-mode rejection ratio
VCM = 0V, Input-referred
56
50
48
47
dB
min
A
Noninverting input impedance
1.5 ||
M
Ω || pF
typ
C
1.5
Inverting input resistance
Open-loop
32
16
Ω
min
B
Inverting input resistance
Open-loop
32
40
Ω
max
B
Shutdown isolation
G = +4V/V, f = 1MHz, A1 = A0 = 1
85
dB
typ
C
OUTPUT
Voltage output swing
No load
±4.9
±4.8
±4.75
±4.7
V
min
A
100
Ω load
±4.8
±4.75
±4.7
±4.65
V
min
B
25
Ω load
±4.7
±4.5
±4.45
±4.4
V
min
A
Output current at full power (peak)
RL = 4Ω, A1 = 0, A0 = 0
±700
±460
±440
±425
mA
min
A
Output current at 75% bias (peak)
RL = 4Ω, A1 = 0, A0 = 1
±500
±350
±325
±300
mA
min
A
Output current at 50% bias (peak)
RL = 4Ω, A1 = 1, A0 = 0
±180
±120
±115
±110
mA
min
A
Short-cIrcuit current
VO = 0V
±800
mA
typ
C
Closed-loop output impedance at full power
G = +4V/V, f
≤ 100kHz, A1 = 0, A0 = 0
0.01
Ω
typ
C
Closed-loop output impedance at 75% bias
G = +4V/V, f
≤ 100kHz, A1 = 0, A0 = 1
0.01
Ω
typ
C
Closed-loop output impedance at 50% bias
G = +4V/V, f
≤ 100kHz, A1 = 1, A0 = 0
0.01
Ω
typ
C
Output impedance at shutdown
25 || 4
k
Ω || pF
typ
C
Output switching glitch
Inputs at GND
±20
mV
typ
C
POWER CONTROL
Maximum logic 0
A1, A0, VS = ±6V
0.8
0.8
0.8
V
max
A
Minimum logic 1
A1, A0, VS = ±6V
2
2
2
V
min
A
Logic input current
A0, A1 = 0, each line
6
8
9
10
µA
max
A
A0, A1 = 1, each line
–50
–110
–125
–150
µA
min
A
(5)
Current is considered positive-out-of node. VCM is the input common-mode voltage.
(6)
Tested < 3dB below minimum CMRR specifications at ±CMIR limits.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com