Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2673 Datasheet HTML 1Page - Texas Instruments OPA2673 Datasheet HTML 2Page - Texas Instruments OPA2673 Datasheet HTML 3Page - Texas Instruments OPA2673 Datasheet HTML 4Page - Texas Instruments OPA2673 Datasheet HTML 5Page - Texas Instruments OPA2673 Datasheet HTML 6Page - Texas Instruments OPA2673 Datasheet HTML 7Page - Texas Instruments OPA2673 Datasheet HTML 8Page - Texas Instruments OPA2673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±6V
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
At TA = +25°C, A0 = A1 = 0 (full power), G = +4V/V, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 76 for ac
performance only. Single channel specifications, except where noted.
OPA2673IDGQ, IRGV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
70°C(3)
+85°C(3)
UNIT
MAX
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth
G = +1V/V, RF = 511Ω, VO = 500mVPP
600
MHz
typ
C
G = +2V/V, RF = 475Ω, VO = 500mVPP
450
MHz
typ
C
G = +4V/V, RF = 402Ω, VO = 500mVPP
340
270
265
260
MHz
min
B
G = +8V/V, RF = 250Ω, VO = 500mVPP
360
270
265
260
MHz
min
B
Peaking at a gain of +1
G = +1V/V, RF = 511Ω
2
dB
typ
C
Bandwidth for 0.1dB flatness
G = +4V/V, VO = 500mVPP
50
MHz
typ
C
Large-signal bandwidth
G = +4V/V, VO = 5VPP
300
MHz
typ
C
Slew rate
G = +4V/V, 5V step
3000
2600
2400
2300
V/
µs
min
B
Rise-and-fall time
G = +4V/V, 2V step
1.2
ns
typ
C
Harmonic distortion
G = +4V/V, VO = 2VPP, 10MHz,
RL = 50Ω
2nd harmonic
A1 = 0, A0 = 0, full bias
–67
–61
–60
–59
dBc
max
B
A1 = 0, A0 = 1, 75% bias
–70
–60
–59
–58
dBc
max
B
A1 = 1, A0 = 0, 50% bias
–69
dBc
typ
C
3rd harmonic
A1 = 0, A0 = 0, full bias
–80
–73
–72
–70
dBc
max
B
A1 = 0, A0 = 1, 75% bias
–75
–68
–67
–66
dBc
max
B
A1 = 1, A0 = 0, 50% bias
–68
dBc
typ
C
G = +4V/V, VO = 2VPP, 20MHz,
RL = 50Ω
2nd harmonic
A1 = 0, A0 = 0, full bias
-68
–62
–61
–60
dBc
max
B
A1 = 0, A0 = 1, 75% bias
-67
–60
–59
–58
dBc
max
B
A1 = 1, A0 = 0, 50% bias
-65
dBc
typ
C
3rd harmonic
A1 = 0, A0 = 0, full bias
-72
–63
–62
–61
dBc
max
B
A1 = 0, A0 = 1, 75% bias
-66
–60
–53
–58
dBc
max
B
A1 = 1, A0 = 0, 50% bias
-60
dBc
typ
C
Input voltage noise
f > 1MHz
2.4
2.8
3.2
3.6
nV/
√Hz
max
B
Noninverting input current noise
f > 1MHz
5.2
5.8
5.3
6.0
pA/
√Hz
max
B
Inverting input current noise
f > 1MHz
35
40
42
43
pA/
√Hz
max
B
Differential gain error
NTSC, RL = 150Ω
0.03
%
typ
C
NTSC, RL = 37.5Ω
0.05
%
typ
C
Differential phase error
NTSC, RL = 150Ω
0.01
degrees
typ
C
NTSC, RL = 37.5Ω
0.04
degrees
typ
C
Channel-to-channel crosstalk (QFN-16)
f = 5MHz, Input-referred
–92
dBc
typ
C
DC PERFORMANCE(4)
Open-loop transimpedance gain (ZOL)
Differential, VO = 0V, RL = 100Ω
90
60
56
55
k
Ω
min
A
Input offset voltage, full bias
VCM = 0V
±2
±7
±8
±9
mV
max
A
Average offset drift, full bias
VCM = 0V
±25
±30
µV/°C
max
B
Input offset voltage matching, full bias
VCM = 0V
±0.5
±2
±2.5
±2.5
mV
max
A
Input offset voltage, 75% bias
VCM = 0V
±2
±7
±8
±9
mV
max
B
Input offset voltage, 50% bias
VCM = 0V
±2
±7
±8
±9
mV
max
B
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +18°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive-out-of node. VCM is the input common-mode voltage.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com